PART |
Description |
Maker |
FM3560M20 FM3560MT20 FM3540CM14 FM3540CMT14 FM3540 |
4/5-Bit Multiplexed 1-Bit Latched Port with Standard 2-Wire Bus Interface & Non-Volatile Latches 4/5 Bit Multiplexed,1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches 4/5 Bit Multiplexed/ 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches 4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
LS7061 LS7063 |
32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
|
LSI Corporation LSI[LSI Computer Systems]
|
IDT74ALVCH16260 |
3.3V CMOS 12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
HD74ALVCH162260 |
12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
HD74ALVCH16260 |
12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
IDT74ALVCH16271 74ALVCH16271_DS_48097 |
3.3V CMOS 12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT
|
CX23060 CX23010 |
Dual 10 bit, 50 KHz, Multiplexed A/D D/A
|
Sony Corporation
|
CX20152 |
Dual 16 Bit / 88 kHz / Multiplexed D/A
|
Sony
|
74AC11979D 74ACT11979D 74ACT11979N |
5 V, 8-bit multiplexed I/O read-back register
|
Philips
|
WM8190 XWM8190CDW_V |
14-BIT, 6MSPS CIS/CCD IMAGE DIGITISER WITH MULTIPLEXED OUTPUT (8 6) Bit Output 14-bit CIS/CCD AFE/Digitiser
|
WOLFSON[Wolfson Microelectronics plc]
|
MAX1196 MAX1196ECM |
Dual 8-Bit / 40Msps / 3V / Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs "Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs" Dual 8-Bit 40Msps 3V Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|